Part Number Hot Search : 
2SJ117 MCSO1 40106 AN7908T MC8820 SO20LL RF151 NCE3050
Product Description
Full Text Search
 

To Download 2SC4849 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4849
DESCRIPTION *With TO-220Fa package *Low collector saturation voltage *High switching speed *Wide safe operating area APPLICATIONS *For power supply
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol DESCRIPTION
*
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 30 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE 250 120 12 7 15 2 W UNIT V V V A A
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEO(SUS) VCEsat VBEsat ICBO IEBO hFE fT Cob PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=0.1A ;IB=0 IC=5A ;IB=0.5A IC=5A ;IB=0.5A VCB=100V; IE=0 VEB=12V; IC=0 IC=3A ; VCE=5V IC=0.5A ; VCE=10V f=1MHz ; VCB=10V 100 20 150 MIN 120 TYP.
2SC4849
MAX
UNIT V
0.6 1.2 10 10 200
V V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A, IB1=0.5A IB2=-0.5A; VCC50V RL=10 0.5 2.5 0.5 s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4849
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC4849

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X